PART |
Description |
Maker |
MC8640DTVU1000HC MC8640TVU1000HC MC8640DTVU1250HC |
Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
|
Freescale Semiconductor... Freescale Semiconductor, Inc http://
|
MPC8540 |
MPC8540 PowerQUICC III?/a> Integrated Host Processor Reference Manual MPC8540 PowerQUICC III Integrated Host Processor Reference Manual
|
Freescale Semiconductor, Inc
|
TEA5880TS |
Integrated FM stereo radio IC for host processor tuning
|
philips
|
PL-2501 |
Hi-Speed USB Host to Host Bridge Controller
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller EZ-HostProgrammable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support UNIVERSAL SERIAL BUS CONTROLLER, PQFP100
|
http:// Cypress Semiconductor, Corp.
|
ADSP-2184NBST-320 ADSP-2184NKST-320 ADSP-2185NBST- |
16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 256KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 160KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 40KB RAM DSP Microcomputer
|
Analog Devices
|
FT311D FT311D-32L1C FT311D-32L1C-R FT311D-32L1C-X |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null USB Android Host IC
|
Future Technology Devic...
|
TCM810 TCM809 |
3-Pin Microcontroller Reset Monitors(3寮??寰???跺?澶??????? IC,VOLT DETECTOR,FIXED, 4.63V,CMOS,TSSOP,6PIN,PLASTIC The TCM809 and TCM810 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven
|
Microchip Technology Inc.
|
CY4640 CY3663 |
EZ-Host?Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support EZ-Host?Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor
|
CX11250 CX20463 SMARTHSF CX20437 |
Smart HSF mobile modem SmartHSF Mobile Modem Host-Processed, V.90/K56flex Modem Device Set with CX11250 Host Side Device, CX20463 SmartDAA, and Optional CX20437 Voice Codec for PCI Bus/Mini PCI-Based Mobile Applications
|
List of Unclassifed Manufacturers Conexant Electronic Theatre Controls, Inc.
|
CY7C6730006 |
EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support EZ-Host⑩ Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor
|